PART |
Description |
Maker |
MAX5873 MAX5874 MAX5875 MAX5876 MAX5877 MAX5878 MA |
Quadruple Line Driver 14-CDIP -55 to 125 12位200Msps、高动态性能、双路DAC,CMOS输入 16-Bit, 250Msps, High-Dynamic-Performance, Dual DAC with LVDS Inputs Replaced by SN55189A : Quadruple Line Receiver 14-CDIP -55 to 125 Quadruple Line Driver 14-CFP -55 to 125 Quadruple Line Driver 20-LCCC -55 to 125
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc.
|
93LC66A-IP 93LC66A-ISM 93LC66A-ISN 93LC66A-IST 93L |
Quadruple 2-Line To 1-Line Data Selectors / Multiplexers 16-TVSOP -40 to 85 Quadruple 2-Line To 1-Line Data Selectors / Multiplexers 16-SOIC -40 to 85 16-Bit D-Type Edge-Triggered Flip-Flops With 3-State Outputs 48-SSOP -40 to 85 16-Bit D-Type Transparent Latches With 3-State Outputs 48-SSOP -40 to 85 Quadruple 2-Line To 1-Line Data Selectors / Multiplexers 16-SSOP -40 to 85 16-Bit Bus Transceivers With 3-State Outputs 48-SSOP -40 to 85 4K 2.5V Microwire Serial EEPROM
|
Microchip Technology Inc. MICROCHIP[Microchip Technology] http://
|
1504 1504SERIES 1504-600F 1504-80B 1504-80C 1504-7 |
FIXED DIP DELAY LINE TD/TR = 5 Delay 20 /-1.0 ns, Fixed dip delay line Td/Tr=5 Delay 60 /-3 ns, Fixed dip delay line Td/Tr=5 Delay 800 /-40 ns, Fixed dip delay line Td/Tr=5 Delay 40 /-2 ns, Fixed dip delay line Td/Tr=5 Delay 400 /-20 ns, Fixed dip delay line Td/Tr=5 Delay 750 /-37.5 ns, Fixed dip delay line Td/Tr=5 Delay 225 /-12 ns, Fixed dip delay line Td/Tr=5 Delay 140 /-7 ns, Fixed dip delay line Td/Tr=5 Delay 100 /-5 ns, Fixed dip delay line Td/Tr=5 Delay 220 /-11 ns, Fixed dip delay line Td/Tr=5 Delay 380 /-19 ns, Fixed dip delay line Td/Tr=5 Delay 480 /-24 ns, Fixed dip delay line Td/Tr=5 Delay 120 /-6 ns, Fixed dip delay line Td/Tr=5 Delay 150 /-7.5 ns, Fixed dip delay line Td/Tr=5 Delay 450 /-22.5 ns, Fixed dip delay line Td/Tr=5 Delay 75 /-3.8 ns, Fixed dip delay line Td/Tr=5 Delay 360 /-18 ns, Fixed dip delay line Td/Tr=5 Delay 25 /-1.3 ns, Fixed dip delay line Td/Tr=5 Delay 250 /-12.5 ns, Fixed dip delay line Td/Tr=5 Fixed passive DIP delay line PASSIVE DELAY LINE, TRUE OUTPUT, DIP16 Delay 160 /-8 ns, Fixed dip delay line Td/Tr=5 Delay 375 /-18.8 ns, Fixed dip delay line Td/Tr=5 Delay 50 /-2.5 ns, Fixed dip delay line Td/Tr=5 Delay 320 /-16 ns, Fixed dip delay line Td/Tr=5 Delay 90 /-4.5 ns, Fixed dip delay line Td/Tr=5 Delay 45 /-2.3 ns, Fixed dip delay line Td/Tr=5 Delay 1000 /-50 ns, Fixed dip delay line Td/Tr=5 Delay 10 /-1 ns, Fixed dip delay line Td/Tr=5 Delay 125 /-6.3 ns, Fixed dip delay line Td/Tr=5 Delay 30 /-1.5 ns, Fixed dip delay line Td/Tr=5 Delay 180 /-9 ns, Fixed dip delay line Td/Tr=5 Delay 500 /-25 ns, Fixed dip delay line Td/Tr=5 Delay 300 /-15 ns, Fixed dip delay line Td/Tr=5 Delay 200 /-10 ns, Fixed dip delay line Td/Tr=5 Delay 240 /-12 ns, Fixed dip delay line Td/Tr=5 Delay 80 /-4 ns, Fixed dip delay line Td/Tr=5 Delay 600 /-30 ns, Fixed dip delay line Td/Tr=5
|
Data Delay Devices, Inc... DATA DELAY DEVICES INC
|
HD74LS158 |
Quadruple 2-line-to-1-line Data Selectors/Multiplexers(inverted outputs)
|
HITACHI[Hitachi Semiconductor]
|
HM628128BLF-8SL HM628128BLF-7SL HM628128BLF-7 HM62 |
Quadruple 2-Line To 1-Line Data Selectors/Multiplexers 16-CDIP -55 to 125 1个M的SRAM28 - KWord的8位) 1 M SRAM (128-KWORD X 8 BIT) 1个M的SRAM28 - KWord的8位) x8 SRAM Replaced by SN54LS158 : Quadruple 2-Line To 1-Line Data Selectors/Multiplexers 16-CFP -55 to 125 Replaced by SN54LS158 : Quadruple 2-Line To 1-Line Data Selectors/Multiplexers 16-CDIP -55 to 125 Replaced by SN54LS158 : Quadruple 2-Line To 1-Line Data Selectors/Multiplexers 20-LCCC -55 to 125 1 M SRAM (128-KWORD X 8 BIT)
|
Hitachi,Ltd. Hitachi Semiconductor
|
SN74LS258B |
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
|
TI
|
012-AHSF6 012-AHSF 012-AHS6 012-AHS 012-ZSF6 012-Z |
Dual 4-Line To 1-Line Data Selectors/Multiplexers With 3-State Outputs 20-LCCC -55 to 125 微型PCB功率继电 Octal Buffers And Line Drivers With 3-State Outputs 20-LCCC -55 to 125 微型PCB功率继电 Octal Buffers And Line Drivers With 3-State Outputs 20-CFP -55 to 125 微型PCB功率继电 Dual 4-Line To 1-Line Data Selectors/Multiplexers With 3-State Outputs 16-CDIP -55 to 125 微型PCB功率继电 Quadruple 2-Line To 1-Line Data Selectors/Multiplexers 16-CFP -55 to 125 微型PCB功率继电 Quadruple 2-Line To 1-Line Data Selectors/Multiplexers 16-CDIP -55 to 125 微型PCB功率继电 RES ARRAY 5.6K OHM 8TRM 4RES SMD 微型PCB功率继电 MINIATURE PCB POWER RELAY 微型PCB功率继电 FO CERAMIC 62.5 PVC LC-MT 3M PATCH CAP.0047UF 400V PEN FILM 1913 5% Signal Generator RoHS Compliant: NA BK Precision NTSC Generator, Composite Video: 1.2 V p-p into 75 Ohm, Chrominance Output: .75 V p-p into 75 Ohm, Luminance Plus Sync Output: 1 V p-p into 75 Ohm, Sound: 1 KHz Audio Tone, Power Requirement: 9 V Battery or AC Adaptor CAP .47F 5.5V SG TYPE GOLD VERT 128 x 64 pixel format, LED Backlight available JT 22C 22#22D SKT RECP Dual 4-Line To 1-Line Data Selectors/Multiplexers With 3-State Outputs 16-CFP -55 to 125 Octal Buffers And Line Drivers With 3-State Outputs 20-CDIP -55 to 125 JT 22C 22#22D SKT WALL RECP Quadruple 2-Line To 1-Line Data Selectors/Multiplexers 20-LCCC -55 to 125
|
Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers
|
SN74HC257PWLE |
<font color=red>[Old version datasheet]</font> QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS WITH 3-STATE OUTPUTS
|
TI store
|
IDT74LVC257A IDT74LVC257AQ8 IDT74LVC257ADC IDT74LV |
3.3V CMOS QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS,5V TOLERANT I/O 3.3V CMOS Quadruple 2-Line to 1-Line Data Selector/Multiplexer with 3-State Outputs, 5.0V Tolerant I/O
|
IDT
|
KBPC3500 KBPC3500W KBPC3501W KBPC3502W KBPC3504W K |
Rail-To-Rail Low Power Advanced LinCMOS(TM) Dual Operational Amplifier 8-CDIP -55 to 125 15,25,35A HIGH CURRENT BRIDGE RECTIFIER 15,25,35大电流整流桥 Hex Inverters 14-TSSOP -40 to 85 15,25,35大电流整流桥 Quadruple 2-Line To 1-Line Data Selectors / Multiplexers 16-SOIC -40 to 85 15,25,35大电流整流桥 Quadruple 2-Input Positive-AND Gates 14-TSSOP -40 to 85 15,25,35大电流整流桥 Quadruple 2-Input Positive-AND Gates 14-SOIC -40 to 85 15,25,35大电流整流桥 Advanced LinCMOS(TM) Rail-To-Rail Dual Operational Amplifier 8-SOIC -40 to 125 Dual 2-Line To 4-Line Decoders / Demultiplexers 16-PDIP -40 to 85 15/25/35A HIGH CURRENT BRIDGE RECTIFIER
|
Won-Top Electronics Co., Ltd. WTE[Won-Top Electronics]
|
EL5375IU-T7 EL5175ISZ EL5375 EL5175 EL5375IUZ-T7 E |
550MHz Differential Line Receivers 550MHz的差分线接收 550MHz Differential Line Receivers TRIPLE LINE RECEIVER, PDSO24 550MHz Differential Line Receivers LINE RECEIVER, PDSO8 Replaced by PCM2903B : Stereo USB1.1 CODEC with line-out and S/PDIF I/O, Self-powered (HID Interface) 28-SSOP 0 to 70
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|